PART |
Description |
Maker |
EEVFK1J681 EEEFK1C220UR EEVFK1C220UR EEVFK1K100P E |
ALUMINUM ELEECTROLYTIC CAPACITORS/FK ELEECTROLYTIC电容/ FK ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 150 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 33 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT DIODE ZENER 200MW 2.2V 1005 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 330 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT POWER SUPPLY FOR RM005
|
Panasonic, Corp. http:// Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
M34282M2-064GP |
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:68000uF RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
EDS6432AFBH-TT |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:22uF RoHS Compliant: Yes 6400位SDRAM的抗水树(宽温度范围
|
Elpida Memory, Inc.
|
UZS1V100MCL1GB UZS0J220MCL1GB |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT 4mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT 4.5mm Length General Purpose Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 4x4.6 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 22 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
KZH6.3VB6800MK35 KZH6.3VB2700MJ25 KZH6.3VB470MF11 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Nippon Chemi-con, Corp.
|
KZH6.3VB472M12X25LL KZH6.3VB122M8X15LL KZH6.3VB152 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1800 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Nippon Chemi-con, Corp.
|
HSC-AT11U-A30 HSC-AT11K-A00 HSC-AT11K-A01 HSC-AT11 |
Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 22x30 mm; Packaging: Bulk SC型固定衰减器 SC Type Fixed Attenuators SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 450V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
3186BC152T200APS1 3186EC392T200APS1 3186FE103T200A |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 1500 uF CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 3900 uF, STUD MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 10000 uF, STUD MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 6800 uF, STUD MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 5600 uF, STUD MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 1000 uF CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 12000 uF, STUD MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 8200 uF, STUD MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 2200 uF CAN, ROHS COMPLIANT
|
Cornell Dubilier Electronics, Inc.
|
UWX1H100MCL1GB |
Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UHM1C272MHD |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 2700uF; Voltage: 16V; Case Size: 12.5x25 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 2700 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
UUJ1H471MNL1MS UUJ1H471MNL1ZD UUJ1H471MNL6ZD UUJ1H |
Aluminum Electrolytic SMT High Capacitance Capacitor; Capacitance: 470uF; Voltage: 50V; Case Size: 18x16.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 470 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 470 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Capacitance Capacitor; Capacitance: 47uF; Voltage: 160V; Case Size: 16x16.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 47 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
|